PART |
Description |
Maker |
HCF4000 HCF4000B HCF4001 HCF4001B HCF4002 HCF4002B |
NOR GATE (289.19 k) TRANSISTOR,MOSFET,N-CHANNEL,800V V(BR)DSS,6A I(D),TO-3 RoHS Compliant: Yes T-PNP-SI-AF PO- .75W T-NPN- SI-PO & SW-PD 40 W 或非 MOSFET-PWR N-CH HI SPEED 或非 MOSFET; Transistor Polarity:P Channel; Continuous Drain Current, Id:10.5A; On-Resistance, Rds(on):0.3ohm; Package/Case:3-TO-220; Continuous Drain Current - 100 Deg C:7.5A; Continuous Drain Current - 25 Deg C:10.5A 或非 MOSFET-PWR 800V 4A 或非 NOR GATE 或非 MOSFET-PWR 500V 8A
|
ST Microelectronics SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
HCS04MS FN3046 HCS04D HCS04DMSR HCS04HMSR HCS04K H |
From old datasheet system Radiation Hardened Hex Inverter JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-50V; Zero Gate Voltage Drain Current Min, Idss:0.5mA; Zero Gate Voltage Drain Current Max, Idss:12mA; Gate-Source Cutoff Voltage Max, Vgs(off):-1.5V
|
INTERSIL[Intersil Corporation]
|
2SK528 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|
2SK803 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1630 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1662 |
Drain Current ?ID= 3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1612 |
Drain Current ?ID=3A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1602 |
Drain Current ?ID= 2.8A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1211 |
Drain Current ?ID=2.5A@ TC=25C
|
Inchange Semiconductor ...
|
2SK1465 |
Drain Current ?ID=8A@ TC=25C
|
Inchange Semiconductor ...
|
2N80 |
Drain Current ID= 2.4A@ TC=25C
|
Inchange Semiconductor ...
|
2SK529 |
Drain Current ?ID=2A@ TC=25C
|
Inchange Semiconductor ...
|